Part Number Hot Search : 
70217 W1616 2SC5129 1C220 AK4223 SM6104P 7421FC ILA7052
Product Description
Full Text Search
 

To Download SQD400BA60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRANSISTOR MODULE
Hi-
SQD400BA60
UL;E76102 M SQD400BA60 is a Darlington power transistor module with a ULTRA HIGH hFE, high speed, high power Darlington transistor. The transistor has a reverse paralleled fast recovery diode (trr 200ns). The mounting base of the module is electrically isolated from semiconductor elements for simple heatsink construction, IC 400A, VCEX 600V Low saturation voltage for higher efficiency. ULITRA HIGH DC current gain hFE. hFE 750 Isolated mounting base IVEBO 10V for faster switching speed. Applications Motor Control VVVF , AC/DC Servo, UPS, Switching Power Supply, Ultrasonic Application
Unit A
Maximum Ratings
Symbol VCBO VCEX VEBO IC IC IB PT Tj Tstg VISO Item Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Reverse Collector Current Base Current Total power dissipation Junction Temperature Storage Temperature Isolation Voltage Mounting M6 Mounting Torque Mass Terminal M6 Terminal M4 A.C.1minute Recommended Value 43kgf B Recommended Value 43kgf B Recommended Value 12.5kgf B Typical Value TC 25 =pw 1ms VBE 2V Conditions
Tj 25
unless otherwise specified Ratings SQD400BA60 600 600 10 400 800 400 24 1500 40 to 40 to 2500 4.7 (48) 4.7 (48) 1.5 (15) 460 g Nm ( f B) 150 125 V Unit V V V A A A W
Electrical Characteristics
Symbol ICBO IEBO VCEO SUS VCEX SUS hFE VCE VBE
sat sat
Item Collector Cut-off Current Emitter Cut-off Current Collector Emitter Sustaning Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage On Time Switching Time Storage Time Fall Time Collector-Emitter Reverse Voltage Reverse Recovery time Thermal Impedance (junction to case) Ic 400A Vcc 300V, Ic Diode part VCB VCBO VEB VEBO Ic 1A Ic 80A IB2
Conditions
Ratings Min. Typ. Max. 4.0 1600 450
Unit mA mA V
8A
600 750 2.5 3.0 2.0 8.0 2.0 1.8
Ic 400A VCE 2.5V Ic 400A IB 530mA Ic 400A IB 530mA Vcc 300V Ic 400A 8A IB1 0.8A IB2
V V s V ns
ton ts tf VECO trr Rth j-c
400A, di/dt 300A/ s, VBE
5V
200 0.083 0.25
Transistor part
/W
SanRex(R)
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
SQD400BA60
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com


▲Up To Search▲   

 
Price & Availability of SQD400BA60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X